Part Number Hot Search : 
GALI5 A115E LYU5000 E002625 211XG25 MSA240 SF10L60U NTE1128
Product Description
Full Text Search
 

To Download EV-VND5E160J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. for further information contact your local stmicroelectronics sales office. september 2013 doc id 023962 rev 3 1/8 1 EV-VND5E160J vnd5e160j evaluation board data brief ? production data features simple single ic application board dedicated for vnd5e160j-e provides thermal heat-sinking for ease of use in prototyping. provides electrical connectivity for easy prototyping description EV-VND5E160J provides you an easy way to connect st?s surface mounted vipower ? drivers into your existing prototype circuitry. this evaluation board comes pre-assembled with vnd5e160j-e high-side driver. the vnd5e160j-e is a double channel high-side driver manufactured using st proprietary vipower m0-5 technology and housed in powersso-12 package. the vnd5e160j-e is designed to drive automotive grounded loads, providing protection, diagnostics and easy 3 v and 5 v cmos-compatible interface with any microcontroller. the device integrates advanced protective functions such as load current limitation, inrush and overload active management by power limitation, overtemperature shut-off with auto- restart and overvoltage active clamp. a dedicated analog current sense pin is associated with every output channel in order to provide enhanced diagnostic functions including fast detection of overload and short-circuit to ground, overtemperature indication, short-circuit to v cc diagnosis and on-state and off-state open-load detection. the diagnostic feedback of the whole device can be disabled by pulling the stat_dis pin up, thus allowing wired-oring with similar devices. figure 1. vnd5e160j evaluation board parameter symbol value unit max supply voltage v cc 41 v operating voltage range v cc 4.5 to 28 v max on-state resistance r on 50 m current limitation (typ) i limh 27 a off state supply current i s 2 a (1) 1. typical value with all loads connected. table 1. device summary order code reference EV-VND5E160J vnd5e160j evaluation board www.st.com
design recommendations EV-VND5E160J 2/8 doc id 023962 rev 3 1 design recommendations this evaluation board provides mounting solution and some heat sinking capability for prototype development, but there are still external components that are required to make these devices work in any application. for further information on how the evaluation board has to be used you can refer to the an4210 (see appendix a: reference documents ). figure 2 illustrates the necessary components for any application. figure 2. vnd5e160j evaluation board st has produced a user manual for safe designs using st?s vipower devices. this is um1556 (see appendix a: reference documents ). um1556 is a vipower hardware design guide that provides all necessary information to successfully design your circuit using our vipower drivers. all designs have different needs and requirements. whatever design you decide to use, it will still need to be verified in order to meet your application specifications. st implies no guarantee or warranty (see appendix a: reference documents ). ,oads 6pdoo6ljqdo 'lrgh )ru5hyhuvh %dwwhu\3urwhfwlrq 1& 287387 287387 287387 287387 1& *1' 67$7b',6 ,1387 ,1387 67$786 67$786 7$% 9 &&  %dwwhu\ ,1387 ,1387 67$786 9 n 2swlrqdo *$3*&)7 /rdgv n5hvlvwruv 67$7b',6 67$786 9       5"#       5"# o' o' o' 9  9 
EV-VND5E160J thermal data doc id 023962 rev 3 3/8 2 thermal data table 2. vnd5e160j-e thermal data symbol parameter max. value unit r thj-amb thermal resistance junction-ambient (max) 32 c/w table 3. pcb specifications parameter value unit board dimensions 38 x 38 mm number of cu layer 2 ? layer cu thickness 70 m board finish thickness 1.6 +/- 10% mm board material fr4 ? thermal vias separation 1.2 mm thermal vias diameter 0.3 +/- 0.08 mm
board connector reference EV-VND5E160J 4/8 doc id 023962 rev 3 3 board connector reference figure 3. board layout table 4. board connector specification connector board lead number device pin function (1) 1. for further clarification on pin functions please refer to the related datasheet (see appendix a: reference documents ). j1 tab v cc j1 1 gnd j1 2 stat_dis j1 3 input1 j1 4 status1 j1 5 status2 j1 6 input2 j2 tab v cc j2 7 n.c. j2 8 output2 j2 9 output2 j2 10 output1 j2 11 output1 j2 12 n.c.
EV-VND5E160J package information doc id 023962 rev 3 5/8 4 package information 4.1 ecopack ? packages in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark.
reference documents EV-VND5E160J 6/8 doc id 023962 rev 3 appendix a reference documents 1. double channel high side driver for automotive applications (vnd5e160j-e, docid 13626) 2. vipower m0-5 and m0-5enhanced high-side drivers (um1556, docid 023520) 3. powersso-12 devices evaluation bord (an4210, docid 023963) 4. evaluation product licence agreement on www.st.com
EV-VND5E160J revision history doc id 023962 rev 3 7/8 revision history table 5. document revision history date revision changes 28-nov-2012 1 initial release. 07-dec-2012 2 updated figure 2: vnd5e160j evaluation board updated table 3: pcb specifications 17-sep-2013 3 updated disclaimer.
EV-VND5E160J 8/8 doc id 023962 rev 3 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a particular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. st products are not designed or authorized for use in: (a) safety critical applications such as life supporting, active implanted devices or systems with product functional safety requirements; (b) aeronautic applications; (c) automotive applications or environments, and/or (d) aerospace applications or environments. where st products are not designed for such use, the purchaser shall use products at purchaser?s sole risk, even if st has been informed in writing of such usage, unless a product is expressly designated by st as being intended for ?automotive, automotive safety or medical? industry domains according to st product design specifications. products formally escc, qml or jan qualified are deemed suitable for use in aerospace by the corresponding governmental agency. resale of st products with provisions different from the statem ents and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or register ed trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2013 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - swed en - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of EV-VND5E160J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X